| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 324 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 324 Page - Renesas Technology Corp |
|
324 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 292 of 1468 REJ09B0412-0200 RAS UCAS LCAS WE OE A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D15 to D0 RAS LUCAS LLCAS WE RD (OE) A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 D15 to D0 This LSI (Address shifted by 11 bits) Two CAS signals used 64-Mbit DRAM (4 Mwords × 16 bits) 11-bit column address Row address input: A10 to A0 Column address input: A10 to A0 Figure 9.47 Example of Connection for Control with Two CAS Signals 9.10.11 Burst Access Operation Besides an accessing method in which this LSI outputs a row address every time it accesses the DRAM (called full access or normal access), some DRAMs have a fast-page mode function in which fast speed access can be achieved by modifying only a column address with the same row address output (burst access) when consecutive accesses are made to the same row address. The fast-page mode (burst access) can be specified when the BE bit in DRAMCR is set to one, (1) Burst Access (Fast-Page Mode) Operation Timing Figures 9.48 and 9.49 show operation timing of the fast-page mode. When access cycles to the DRAM space are continued and the row addresses of the consecutive two cycles are the same, output cycles of the CAS and column address signals follow. The row address bits to be compared are decided by bits MXC1 and MXC0 in DRAMCR. Wait cycles can be inserted during a burst access. The method and timing of the wait insertion are the same as that of full access mode. For details, see section 9.10.9, Wait Control. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |