| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 303 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 303 Page - Renesas Technology Corp |
|
303 / 1504 page ![]() Section 9 Bus Controller (BSC) Rev. 2.00 Sep. 24, 2008 Page 271 of 1468 REJ09B0412-0200 9.9.4 I/O Pins Used for Address/Data Multiplexed I/O Interface Table 9.19 shows the pins used for the address/data multiplexed I/O Interface. Table 9.19 I/O Pins for Address/Data Multiplexed I/O Interface Pin When Byte Control SRAM is Specified Name I/O Function CSn CSn Chip select Output Chip select (n = 3 to 7) when area n is specified as the address/data multiplexed I/O space AS/AH AH* Address hold Output Signal to hold an address when the address/data multiplexed I/O space is specified RD RD Read strobe Output Signal indicating that the address/data multiplexed I/O space is being read LHWR/LUB LHWR Low-high write Output Strobe signal indicating that the upper byte (D15 to D8) is valid when the address/data multiplexed I/O space is written LLWR/LLB LLWR Low-low write Output Strobe signal indicating that the lower byte (D7 to D0) is valid when the address/data multiplexed I/O space is written D15 to D0 D15 to D0 Address/data Input/ output Address and data multiplexed pins for the address/data multiplexed I/O space. Only D7 to D0 are valid when the 8-bit space is specified. D15 to D0 are valid when the 16-bit space is specified. A23 to A0 A23 to A0 Address Output Address output pin WAIT WAIT Wait Input Wait request signal used when the external address space is accessed BS BS Bus cycle start Output Signal to indicate the bus cycle start RD/ WR RD/ WR Read/write Output Signal indicating the data bus input or output direction Note: * The AH output is multiplexed with the AS output. At the timing that an area is specified as address/data multiplexed I/O, this pin starts to function as the AH output meaning that this pin cannot be used as the AS output. At this time, when other areas set to the basic bus interface is accessed, this pin does not function as the AS output. Until an area is specified as address/data multiplexed I/O, be aware that this pin functions as the AS output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |