Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 286Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 287Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 288Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 289Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 290Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 291Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 292Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 293Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 258 of 1468
REJ09B0412-0200
9.7.3
I/O Pins Used for Byte Control SRAM Interface
Table 9.16 shows the pins used for the byte control SRAM interface.
In the byte control SRAM interface, write strobe signals (
LHWR and LLWR) are output from the
byte select strobes. The RD/
WR signal is used as a write enable signal.
Table 9.16
I/O Pins for Byte Control SRAM Interface
Pin
When Byte Control
SRAM is Specified
Name
I/O
Function
AS/AH
AS
Address
strobe
Output
Strobe signal indicating that the address
output on the address bus is valid when a
basic bus interface space or byte control
SRAM space is accessed
CSn
CSn
Chip select
Output
Strobe signal indicating that area n is
selected
RD
RD
Read strobe
Output
Output enable for the SRAM when the byte
control SRAM space is accessed
RD/
WR
RD/
WR
Read/write
Output
Write enable signal for the SRAM when the
byte control SRAM space is accessed
LHWR/LUB
LUB
Lower-upper
byte select
Output
Upper byte select when the 16-bit byte
control SRAM space is accessed
LLWR/LLB
LLB
Lower-lower
byte select
Output
Lower byte select when the 16-bit byte
control SRAM space is accessed
WAIT
WAIT
Wait
Input
Wait request signal used when an external
address space is accessed
A23 to A0
A23 to A0
Address pin
Output
Address output pin
D15 to D0
D15 to D0
Data pin
Input/
output
Data input/output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com