Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 193Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 194Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 195Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 196Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 197Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 198Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 199Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 200Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 165 of 1468
REJ09B0412-0200
To initiate multiple channels for the DTC and DMAC with the same interrupt, the same priority
(DTCP = DMAP) should be assigned.
7.7
CPU Priority Control Function Over DTC, DMAC and EXDMAC
The interrupt controller has a function to control the priority among the DTC, DMAC, EXDMAC
and the CPU by assigning different priority levels to the DTC, DMAC, EXDMAC and CPU.
Since the priority level can automatically be assigned to the CPU on an interrupt occurrence, it is
possible to execute the CPU interrupt exception handling prior to the DTC, DMAC or EXDMAC
transfer.
The priority level of the CPU is assigned by bits CPUP2 to CPUP0 in CPUPCR. The priority level
of the DTC is assigned by bits DTCP2 to DTCP0 in CPUPCR. The priority level of the DMAC is
assigned by bits DMAP2 to DMAP0 in DMDR for each channel. The priority level of the
EXDMAC is assigned by the bits EDMAP2 to EDMAP0 in EXDMA mode control register 0 to 3
(EDMDR_0 to EDMDR_3) for each channel.
The priority control function over the DTC, DMAC and EXDMAC is enabled by setting the
CPUPCE bit in CPUPCR to 1. When the CPUPCE bit is 1, the DTC, DMAC and EXDMAC
activation sources are controlled according to the respective priority levels.
The DTC activation source is controlled according to the priority level of the CPU indicated by
bits CPUP2 to CPUP0 and the priority level of the DTC indicated by bits DTCP2 to DTCP0. If the
CPU has priority, the DTC activation source is held. The DTC is activated when the condition by
which the activation source is held is cancelled (CPUPCE = 1 and value of bits CPUP2 to CPUP0
is greater than that of bits DTCP2 to DTCP0). The priority level of the DTC is assigned by the
DTCP2 to DTCP0 bits regardless of the activation source.
For the DMAC, the priority level can be specified for each channel. The DMAC activation source
is controlled according to the priority level of each DMAC channel indicated by bits DMAP2 to
DMAP0 and the priority level of the CPU. If the CPU has priority, the DMAC activation source is
held. The DMAC is activated when the condition by which the activation source is held is
cancelled (CPUPCE = 1 and value of bits CPUP2 to CPUP0 is greater than that of bits DMAP2 to
DMAP0). If different priority levels are specified for channels, the channels of the higher priority
levels continue transfer and the activation sources for the channels of lower priority levels than
that of the CPU are held.
The EXDMAC priority level can be assigned in each channel. The EXDMAC activation source is
controlled by both the EXDMAC priority level, which is assigned by the bits EDMAP2 to
EDMAP0 in the corresponding channel, and the CPU priority level. If the CPU has priority, the
activation source for the corresponding channel is held. The activation source is re-enabled when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com