Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 186Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 187Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 188Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 189Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 190Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 191Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 192Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 193Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 1504 page
background image
Section 7 Interrupt Controller
Rev. 2.00 Sep. 24, 2008 Page 158 of 1468
REJ09B0412-0200
7.6.2
Interrupt Control Mode 2
In interrupt control mode 2, interrupt requests except for NMI are masked by comparing the
interrupt mask level (I2 to I0 bits) in EXR of the CPU and the IPR setting. There are eight levels
in mask control. Figure 7.4 shows a flowchart of the interrupt acceptance operation in this case.
1. If an interrupt request occurs when the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
2. For multiple interrupt requests, the interrupt controller selects the interrupt request with the
highest priority according to the IPR setting, and holds other interrupt requests pending. If
multiple interrupt requests have the same priority, an interrupt request is selected according to
the default setting shown in table 7.2.
3. Next, the priority of the selected interrupt request is compared with the interrupt mask level set
in EXR. When the interrupt request does not have priority over the mask level set, it is held
pending, and only an interrupt request with a priority over the interrupt mask level is accepted.
4. When the CPU accepts an interrupt request, it starts interrupt exception handling after
execution of the current instruction has been completed.
5. The PC, CCR, and EXR contents are saved to the stack area during interrupt exception
handling. The PC saved on the stack is the address of the first instruction to be executed after
returning from the interrupt handling routine.
6. The T bit in EXR is cleared to 0. The interrupt mask level is rewritten with the priority of the
accepted interrupt. If the accepted interrupt is NMI, the interrupt mask level is set to H'7.
7. The CPU generates a vector address for the accepted interrupt and starts execution of the
interrupt handling routine at the address indicated by the contents of the vector address in the
vector table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com