| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 180 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 180 Page - Renesas Technology Corp |
|
180 / 1504 page ![]() Section 7 Interrupt Controller Rev. 2.00 Sep. 24, 2008 Page 148 of 1468 REJ09B0412-0200 Detection of IRQn interrupts is enabled through the P1ICR, P2ICR, and P5ICR register settings, and does not change regardless of the output setting. However, when a pin is used as an external interrupt input pin, the pin must not be used as an I/O pin for another function by clearing the corresponding DDR bit to 0. A block diagram of interrupts IRQn is shown in figure 7.2. IRQn interrupt request IRQnE IRQnF S R Q Clear signal Edge/level detection circuit Input buffer Corresponding bit in ICR IRQnSF, IRQnSR IRQn input [Legend] n = 11 to 0 Figure 7.2 Block Diagram of Interrupts IRQn When the IRQ sensing control in ISCR is set to a low level of signal IRQn, the level of IRQn should be held low until an interrupt handling starts. Then set the corresponding input signal IRQn to high in the interrupt handling routine and clear the IRQnF to 0. Interrupts may not be executed when the corresponding input signal IRQn is set to high before the interrupt handling begins. 7.4.2 Internal Interrupts The sources for internal interrupts from on-chip peripheral modules have the following features: • For each on-chip peripheral module there are flags that indicate the interrupt request status, and enable bits that enable or disable these interrupts. They can be controlled independently. When the enable bit is set to 1, an interrupt request is issued to the interrupt controller. • The interrupt priority can be set by means of IPR. • The DTC and DMAC can be activated by a TPU, SCI, or other interrupt request. • The priority levels of DTC and DMAC activation can be controlled by the DTC and DMAC priority control functions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |