| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 1495 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 1495 Page - Renesas Technology Corp |
|
1495 / 1504 page ![]() Rev. 2.00 Sep. 24, 2008 Page 1463 of 1468 REJ09B0412-0200 I I/O ports.................................................. 595 I2C bus format....................................... 1050 I2C bus interface2 (IIC2) ...................... 1033 ID code ................................................... 923 Idle cycle ................................................ 347 Illegal instruction.................................... 126 Input buffer control register.................... 606 Input capture function............................. 734 Internal interrupts ................................... 148 Internal peripheral bus ............................ 220 Internal system bus ................................. 220 Interrupt .................................................. 123 Interrupt control mode 0 ......................... 156 Interrupt control mode 2 ......................... 158 Interrupt controller.................................. 129 Interrupt exception handling sequence ... 160 Interrupt exception handling vector table ........................................................ 149 Interrupt response times.......................... 161 Interrupt sources ..................................... 147 Interrupt sources and vector address offsets ..................................................... 149 Interrupt-in transfer............................... 1021 Interval timer .......................................... 862 Interval timer mode................................. 862 Inverse convention.................................. 938 IRQn interrupts ....................................... 147 J JTAG interface ..................................... 1067 L Little endian............................................ 232 M Mark state ....................................... 912, 953 Master receive mode ............................. 1053 Master transmit mode ........................... 1051 MCU operating modes.............................. 79 Memory MAT configuration ................ 1110 Mode 2 ...................................................... 85 Mode 4 ...................................................... 85 Mode 5 ...................................................... 86 Mode 6 ...................................................... 86 Mode 7 ...................................................... 86 Mode pin ................................................... 79 Multi-clock mode.................................. 1259 Multiprocessor bit ................................... 923 Multiprocessor communication function ................................................... 923 N NMI interrupt.......................................... 147 Noise canceler....................................... 1059 Nonlinearity error.................................. 1090 Non-overlapping pulse output................. 801 Normal transfer mode ............................. 579 Normal transfer mode ..................... 406, 485 Number of access cycles ......................... 233 O Offset addition ........................................ 418 Offset addition method ........................... 495 Offset error............................................ 1090 On-board programming ........................ 1138 On-board programming mode............... 1105 On-chip baud rate generator.................... 915 On-chip ROM disabled extended mode.... 79 On-chip ROM enabled extended mode..... 79 Open-drain control register ..................... 608 Oscillator............................................... 1227 Output buffer control .............................. 609 Output trigger.......................................... 800 Overflow ......................................... 836, 860 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |