Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1463 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1463 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1459Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1460Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1461Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1462Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1463Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1464Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1465Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1466Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1463 / 1504 page
background image
Appendix
Rev. 2.00 Sep. 24, 2008 Page 1431 of 1468
REJ09B0412-0200
Pin Name
Mode 4
Mode 5
Mode 6
Modes 3,7
PA7
• This pin is left open in the initial state for the Bφ output.
PA6
• This pin is left open in the initial state for the AS output.
PA5
• This pin is left open in the initial state for the RD output.
PA4
• This pin is left open in the initial state for the LHWR
output.
PA3
• This pin is left open in the initial state for the LLWR
output.
PB0
• This pin is left open in the initial
state for the
CS0 output.
Port D
Port E
PF4 to PF0
• These pins are left open in the
initial state for the address output.
Port H
(Used as a data bus)
Port I
(Used as
a data bus)
• Connect these pins to VCC via a
pull-up resistor or to VSS via a pull-
down resistor, respectively, in the
initial state for the general input.
• Connect these
pins to VCC via a
pull-up resistor or
to VSS via a pull-
down resistor,
respectively
Vref
• Connect this pin to AVcc
Notes: 1. Do not change the initial value (input-buffer disabled) of PnICR, where n corresponds to
an unused pin.
2. When the pin function is changed from its initial state, use a pull-up or pull-down
resistor as needed.
3. Always used as a reset signal input pin in case of the H8SX/1668R Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com