Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 130Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 131Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 132Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 133Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 134Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 135Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 136Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 137Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 1504 page
background image
Section 4 Resets
Rev. 2.00 Sep. 24, 2008 Page 102 of 1468
REJ09B0412-0200
V
V
V
Vpor
*1
External
power supply Vcc
Vcc
Vcc
Vcc
Vcc
RES pin
POR signal
("L" is valid)
Reset signal
("L" is valid)
Pin reset and
OR signal for POR
PORF
Reset state
Reset state
tPOR*2
tPOR*2
Set
Set
Notes: For details of the electrical characteristics, see section 30, Electrical Characteristics.
1. V
POR shows a level of power-on reset detection level.
2. T
POR shows a time for power-on reset.
Figure 4.2 Operation of a Power on Reset
4.6
Power Supply Monitoring Reset (H8SX/1668M Group)
This is an internal reset generated by the power-supply detection circuit.
When Vcc falls below Vdet in the state where the LVDE bit in LVDCR has been set to 1 and the
LVDRI bit has been cleared to 0, a voltage-monitoring reset is generated. When Vcc subsequently
rises above Vdet, release from the voltage-monitoring reset proceeds after a specified time has
elapsed.
For details of the voltage-monitoring reset, see section 5, Voltage Detection Circuit (LVD), and
section 30, Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com