Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1319 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1319 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1315Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1316Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1317Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1318Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1319Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1320Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1321Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1322Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1319 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1287 of 1468
REJ09B0412-0200
Section 29 List of Registers
The register list gives information on the on-chip I/O register addresses, how the register bits are
configured, and the register states in each operating mode. The information is given as shown
below.
1. Register addresses (address order)
• Registers are listed from the lower allocation addresses.
• Registers are classified according to functional modules.
• The number of Access Cycles indicates the number of states based on the specified reference
clock. For details, refer to section 9.5.4, External Bus Interface.
• Among the internal I/O register area, addresses not listed in the list of registers are undefined
or reserved addresses. Undefined and reserved addresses cannot be accessed. Do not access
these addresses; otherwise, the operation when accessing these bits and subsequent operations
cannot be guaranteed.
2. Register bits
• Bit configurations of the registers are listed in the same order as the register addresses.
• Reserved bits are indicated by  in the bit name column.
• Space in the bit name field indicates that the entire register is allocated to either the counter or
data.
• For the registers of 16 or 32 bits, the MSB is listed first.
• Byte configuration description order is subject to big endian.
3. Register states in each operating mode
• Register states are listed in the same order as the register addresses.
• For the initialized state of each bit, refer to the register description in the corresponding
section.
• The register states shown here are for the basic operating modes. If there is a specific reset for
an on-chip peripheral module, refer to the section on that on-chip peripheral module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com