Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 125Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 126Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 127Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 128Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 129Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 130Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 131Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 132Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 1504 page
background image
Section 4 Resets
Rev. 2.00 Sep. 24, 2008 Page 97 of 1468
REJ09B0412-0200
Note that some registers are not initialized by any of the resets. The following describes the CPU
internal registers.
The PC, one of the CPU internal registers, is initialized by loading the start address from vector
addresses with the reset exception handling. At this time, the T bit in EXR is cleared to 0 and the I
bits in EXR and CCR are set to 1. The general registers, MAC, and other bits in CCR are not
initialized.
The initial value of the SP (ER7) is undefined. The SP should be initialized using the MOV.L
instruction immediately after a reset. For details, see section 2, CPU. For other registers that are
not initialized by a reset, see register descriptions in each section.
When a reset is canceled, the reset exception handling is started. For the reset exception handling,
see section 6.3, Reset.
4.2
Input/Output Pin
Table 4.2 shows the pin related to resets.
Table 4.2
Pin Configuration
Pin Name
Symbol
I/O
Function
Reset
RES
Input
Reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com