Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1251 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1251 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1247Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1248Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1249Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1250Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1251Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1252Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1253Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1254Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1255Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1251 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1219 of 1468
REJ09B0412-0200
26.6
Usage Notes
1. In serial transfer, data are input or output in LSB order (see figure 26.3).
From TDI pin
JTIR and JTIDR
Bit 31
Bit 30
Bit 1
Bit 0
Shift
register
Serial data
input/output
in LSB order
Notes: Serial data output from JTIR to TDO is not possible.
Serial data input from TDI to JTIDR is not possible.
To TDO pin
.
.
.
.
.
.
Figure 26.3 Serial Data Input/Output
2. If a pin with open-drain function is SAMPLEed while its open-drain function is enabled and
while the corresponding OUT register is set to 1, the corresponding Control register is cleared
to 0 (the pin status is Hi-Z). If the pin is SAMPLEed while the corresponding OUT register is
cleared to 0, the corresponding Control register is 1 (the pin status is 0)
3. Pins of the boundary scan (TCK, TDI, TMS, and
TRST) have to be pulled up by pull-up
resistors.
4. Power supply pins (Vcc, VcL, Vss, AVcc, AVss, AVref, PLLVcc, PLLVss, DrVcc, and
DrVss) cannot be boundary-scanned.
5. Clock pins (EXTAL and XTAL) cannot be boundary-scanned.
6. Reset and standby signals (
RES and STBY) cannot be boundary-scanned.
7. Boundary scan pins (TCK, TMS,
TRST, TDI, and TDO) cannot be boundary-scanned.
8. The boundary scan function is not available when this LSI are in the following states.
(1) Reset state
(2) Hardware standby mode, software standby mode, and deep software standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com