Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1224 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1224 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1220Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1221Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1222Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1223Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1224Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1225Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1226Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1227Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1224 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1192 of 1468
REJ09B0412-0200
• Programming
Programming is executed by the programming selection and 128-byte programming
commands.
Firstly, the host should send the programming selection command and select the programming
method and programming MATs. There are two programming selection commands, and
selection is according to the area and method for programming.
1. User boot MAT programming selection
2. User MAT programming selection
After issuing the programming selection command, the host should send the 128-byte
programming command. The 128-byte programming command that follows the selection
command represents the data programmed according to the method specified by the selection
command. When more than 128-byte data is programmed, 128-byte commands should
repeatedly be executed. Sending a 128-byte programming command with H'FFFFFFFF as the
address will stop the programming. On completion of programming, the boot program will
wait for selection of programming or erasing.
Where the sequence of programming operations that is executed includes programming with
another method or of another MAT, the procedure must be repeated from the programming
selection command.
The sequence for the programming selection and 128-byte programming commands is shown
in figure 25.27.
Transfer of the
programming
program
Host
Boot program
Programming selection (H'42, H'43)
ACK
Programming
128-byte programming (address, data)
ACK
128-byte programming (H'FFFFFFFF)
ACK
Repeat
Figure 25.27 Programming Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com