Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1192 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1192 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1188Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1189Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1190Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1191Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1192Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1193Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1194Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1195Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1192 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1160 of 1468
REJ09B0412-0200
(3)
User MAT Erasing in User Boot Mode
Figure 25.17 shows the procedure for erasing the user MAT in user boot mode.
The difference between the erasing procedures in user program mode and user boot mode is the
memory MAT switching as shown in figure 25.17. For erasing the user MAT in user boot mode,
additional processing made by setting FMATS is required: switching from the user boot MAT to
the user MAT, and switching back to the user boot MAT after erasing completes.
Yes
No
Start erasing
procedure program
Set FKEY to H'A5
Yes
No
Download error processing
Set the FPEFEQ parameter
End erasing
procedure program
FPFR = 0 ?
Initialization error processing
Disable interrupts
and bus master operation
other than CPU
Clear FKEY to 0
Set FEBS parameter
Yes
No
Clear FKEY and erasing
error processing
Yes
Required
block erasing is
completed?
No
Set FKEY to H'A5
Clear FKEY to 0
Set FMATS to value other
than H'AA to select user MAT
Set SCO to 1 after initializing
VBR and execute download
Set FMATS to H'AA to
select user boot MAT
User-boot-MAT
selection state
Note:
The MAT must be switched by FMATS to perform the erasing error processing in the user boot MAT.
MAT
switchover
MAT
switchover
DPFR
= 0 ?
Initialization
JSR FTDAR setting
+ 32
Erasing
JSR FTDAR setting
+ 16
FPFR
= 0 ?
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
1
1
Figure 25.17 Procedure for Erasing User MAT in User Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com