Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 113Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 114Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 115Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 116Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 117Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 118Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 119Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 120Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 1504 page
background image
Section 3 MCU Operating Modes
Rev. 2.00 Sep. 24, 2008 Page 85 of 1468
REJ09B0412-0200
3.3
9 Operating Mode Descriptions
3.3.1
Mode 1
This is the user boot mode for the flash memory. The LSI operates in the same way as in mode 7
except for programming and erasing of the flash memory. For details, see section 25, Flash
Memory.
3.3.2
Mode 2
This is the boot mode for the flash memory. The LSI operates in the same way as in mode 7
except for programming and erasing of the flash memory. For details, see section 25, Flash
Memory.
3.3.3
Mode 3
This is the boundary scan function enabled single-chip activation mode. The operation is the same
as mode 7 except for the boundary scan function. For details on the boundary scan function, see
section 26, Boundary Scan.
3.3.4
Mode 4
The CPU operating mode is advanced mode in which the address space is 16 Mbytes, and the on-
chip ROM is disabled.
The initial bus width mode immediately after a reset is 16 bits, with 16-bit access to all areas.
Ports D, E, and F function as an address bus, ports H and I function as a data bus, and parts of
ports A and B function as bus control signals. However, if all areas are designated as an 8-bit
access space by the bus controller, the bus mode switches to eight bits, and only port H functions
as a data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com