Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1140 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1140 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1136Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1137Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1138Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1139Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1140Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1141Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1142Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1143Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1140 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1108 of 1468
REJ09B0412-0200
25.2
Mode Transition Diagram
When the mode pins are set in the reset state and reset start is performed, this LSI enters each
operating mode as shown in figure 25.2. Although the flash memory can be read in user mode, it
cannot be programmed or erased. The flash memory can be programmed or erased in boot mode,
user program mode, user boot mode, and programmer mode. The differences between boot mode,
user program mode, user boot mode, and programmer mode are shown in table 25.1.
Reset state
Programmer
mode
User mode
User program
mode
User boot
mode
SCI boot mode
On-board programming mode
RES
= 0
User
mode
sett
ing
SCI
boot
mode
setting
RES
= 0
RES = 0
Programmer mode setting
*1
RAM emulation can be
available
ROM disabled mode
RES = 0
ROM disabled mode
setting
*2
Notes: * In this LSI, the user program mode is defined as the period from the timing when a program
concerning programming and erasure is started in user mode to the timing when the program is
completed.
1. Programming and erasure is started.
2. Programing and erasure is completed.
RES
= 0
USB
boot
mode
sett
ing
USB boot mode
Figure 25.2 Mode Transition of Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com