| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 1133 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 1133 Page - Renesas Technology Corp |
|
1133 / 1504 page ![]() Section 23 D/A Converter Rev. 2.00 Sep. 24, 2008 Page 1101 of 1468 REJ09B0412-0200 23.4 Operation The D/A converter includes D/A conversion circuits for two channels, each of which can operate independently. When the DAOE bit in DACR01 is set to 1, D/A conversion is enabled and the conversion result is output. An operation example of D/A conversion on channel 0 is shown below. Figure 23.2 shows the timing of this operation. 1. Write the conversion data to DADR0. 2. Set the DAOE0 bit in DACR01 to 1 to start D/A conversion. The conversion result is output from the analog output pin DA0 after the conversion time t DCONV has elapsed. The conversion result continues to be output until DADR0 is written to again or the DAOE0 bit is cleared to 0. The output value is expressed by the following formula: Contents of DADR/256 × V ref 3. If DADR0 is written to again, the conversion is immediately started. The conversion result is output after the conversion time t DCONV has elapsed. 4. If the DAOE0 bit is cleared to 0, analog output is disabled. Conversion data 1 Conversion result 1 High-impedance state tDCONV DADR0 write cycle DA0 DAOE0 DADR0 Address P φ DACR01 write cycle Conversion data 2 Conversion result 2 tDCONV [Legend] tDCONV: D/A conversion time DADR0 write cycle DACR01 write cycle Figure 23.2 Example of D/A Converter Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |