Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1096 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1096 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1092Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1093Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1094Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1095Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1096Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1097Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1098Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1099Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1096 / 1504 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 2.00 Sep. 24, 2008 Page 1064 of 1468
REJ09B0412-0200
21.5
Interrupt Request
There are six interrupt requests in this module; transmit data empty, transmit end, receive data full,
NACK detection, STOP recognition, and arbitration lost. Table 21.3 shows the contents of each
interrupt request.
Table 21.3
Interrupt Requests
Interrupt Request
Abbreviation
Interrupt Condition
Transmit Data Empty
TXI
(TDRE = 1)
⋅ (TIE = 1)
Transmit End
TEI
(TEND = 1)
⋅ (TEIE = 1)
Receive Data Full
RXI
(RDRF = 1)
⋅ (RIE = 1)
Stop Recognition
STPI
(STOP = 1)
⋅ (STIE = 1)
NACK Detection
Arbitration Lost
NAKI
{(NACKF = 1)
+ (AL = 1)} ⋅ (NAKIE = 1)
When one of the interrupt conditions in table 21.3 is 1 and the I bit in CCR is 0, the CPU executes
interrupt exception handling. Clear the interrupt sources during interrupt exception handling. Note
that the TDRE and TEND bits are automatically cleared to 0 by writing data to ICDRT, and the
RDRF bit is cleared to 0 by reading ICDRR. In particular, the TDRE bit can be set again at the
same time as data are for transmission written to ICDRT, and 1 extra byte can be transmitted if the
TDRE is again cleared to 0.
21.6
Bit Synchronous Circuit
This module has a possibility that the high-level period is shortened in the two states described
below.
In master mode,
• When SCL is driven low by the slave device
• When the rising speed of SCL is lowered by the load on the SCL line (load capacitance or
pull-up resistance)
Therefore, this module monitors SCL and communicates bit by bit in synchronization.
Figure 21.18 shows the timing of the bit synchronous circuit, and table 21.4 shows the time when
SCL output changes from low to Hi-Z and the period which SCL is monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com