Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1087 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1087 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1083Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1084Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1085Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1086Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1087Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1088Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1089Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1090Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1091Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1087 / 1504 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 2.00 Sep. 24, 2008 Page 1055 of 1468
REJ09B0412-0200
SDA
(Master output)
SDA
(Slave output)
RDRF
RCVD
ICDRS
ICDRR
1
9
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
23
4
5
67
8
9
A
A/
A
SCL
(Master output)
Data n-1
Data n
Data n-1
Data n
User
processing
[8] Set slave receive mode
[5] Set RCVD then read ICDRR
[6] Issue stop condition
[7] Read ICDRR and clear RCVD
Figure 21.8 Master Receive Mode Operation Timing 2
21.4.4
Slave Transmit Operation
In slave transmit mode, the slave device outputs the transmit data, and the master device outputs
the receive clock pulse and returns an acknowledge signal. Figures 21.9 and 21.10 show the
operation timings in slave transmit mode. The transmission procedure and operations in slave
transmit mode are described below.
1. Set the ICR bit in the corresponding register to 1, then set the ICE bit in ICCRA to 1. Set the
WAIT in ICMR and CKS3 to CKS0 in ICCRA(initial setting). Set the MST and TRS bits in
ICCRA to select slave receive mode, and wait until the slave address matches.
2. When the slave address matches in the first frame following the detection of the start
condition, the slave device outputs the level specified by ACKBT in ICIER to SDA, at the
rising of the ninth clock pulse. At this time, if the eighth bit data (R/
W) is 1, TRS in ICCRA
and TDRE in ICSR are set to 1, and the mode changes to slave transmit mode automatically.
The continuous transmission is performed by writing the transmit data to ICDRT every time
TDRE is set.
3. If TDRE is set after writing the last transmit data to ICDRT, wait until TEND in ICSR is set to
1, with TDRE = 1. When TEND is set, clear TEND.
4. Clear TRS for end processing, and read ICDRR (dummy read) to release SCL.
5. Clear TDRE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com