| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 1081 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 1081 Page - Renesas Technology Corp |
|
1081 / 1504 page ![]() Section 21 I 2C Bus Interface 2 (IIC2) Rev. 2.00 Sep. 24, 2008 Page 1049 of 1468 REJ09B0412-0200 21.3.7 I 2C Bus Transmit Data Register (ICDRT) ICDRT is an 8-bit readable/writable register that stores the transmit data. When ICDRT detects a space in the I 2C bus shift register, it transfers the transmit data which has been written to ICDRT to ICDRS and starts transmitting data. If the next data is written to ICDRT during transmitting data to ICDRS, continuous transmission is possible. Bit Bit Name Initial Value R/W 7 1 R/W 6 1 R/W 5 1 R/W 4 1 R/W 3 1 R/W 2 1 R/W 1 1 R/W 0 1 R/W 21.3.8 I 2C Bus Receive Data Register (ICDRR) ICDRR is an 8-bit read-only register that stores the receive data. When one byte of data has been received, ICDRR transfers the receive data from ICDRS to ICDRR and the next data can be received. ICDRR is a receive-only register; therefore, this register cannot be written to by the CPU. Bit Bit Name Initial Value R/W 7 1 R 6 1 R 5 1 R 4 1 R 3 1 R 2 1 R 1 1 R 0 1 R 21.3.9 I 2C Bus Shift Register (ICDRS) ICDRS is an 8-bit register that is used to transmit/receive data. In transmission, data is transferred from ICDRT to ICDRS and the data is sent from the SDA pin. In reception, data is transferred from ICDRS to ICDRR after one by of data is received. This register cannot be read from or written to by the CPU. Bit Bit Name Initial Value R/W 7 0 − 6 0 − 5 0 − 4 0 − 3 0 − 2 0 − 1 0 − 0 0 − |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |