| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 1065 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 1065 Page - Renesas Technology Corp |
|
1065 / 1504 page ![]() Section 21 I 2C Bus Interface 2 (IIC2) Rev. 2.00 Sep. 24, 2008 Page 1033 of 1468 REJ09B0412-0200 Section 21 I 2C Bus Interface 2 (IIC2) This LSI has a two-channel I 2C bus interface. The I2C bus interface conforms to and provides a subset of the Philips I2C bus (inter-IC bus) interface functions. The register configuration that controls the I2C bus differs partly from the Philips configuration, however. Figure 21.1 shows the block diagram of the I2C bus interface 2. Figure 21.2 shows an example of I/O pin connections to external circuits. 21.1 Features • Continuous transmission/reception Since the shift register, transmit data register, and receive data register are independent from each other, the continuous transmission/reception can be performed. • Start and stop conditions generated automatically in master mode • Selection of acknowledge output levels when receiving • Automatic loading of acknowledge bit when transmitting • Bit synchronization/wait function In master mode, the state of SCL is monitored per bit, and the timing is synchronized automatically. If transmission or reception is not yet possible, drive the SCL signal low until preparations are completed • Six interrupt sources Transmit-data-empty (including slave-address match), transmit-end, receive-data-full (including slave-address match), arbitration lost, NACK detection, and stop condition detection • Direct bus drive Two pins, the SCL and SDA pins function as NMOS open-drain outputs. • Module stop state can be set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |