Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1050 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1050 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1046Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1047Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1048Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1049Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1050Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1051Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1052Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1053Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1054Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1050 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1018 of 1468
REJ09B0412-0200
20.5.5
EP1 Bulk-Out Transfer (Dual FIFOs)
USB function
Application
OUT token reception
Data reception from host
Set EP1 FIFO full status
(IFR0.EP1 FULL = 1)
Clear EP1 FIFO full status
(IFR0.EP1 FULL = 0)
Read EP1 receive data
size register (EPSZ1)
Read data from EP1
data register (EPDR1)
Write 1 to EP1 read
complete bit
(TRG.EP1 RDFN = 1)
Space
in EP1 FIFO?
No
Yes
Both
EP1 FIFOs empty?
No
Yes
NACK
ACK
Interrupt
request
Interrupt request
Figure 20.17 EP1 Bulk-Out Transfer Operation
EP1 has two 64-byte FIFOs, but the user can receive data and read receive data without being
aware of this dual-FIFO configuration.
When one FIFO is full after reception is completed, the EP1FULL bit in IFR0 is set. After the first
receive operation into one of the FIFOs when both FIFOs are empty, the other FIFO is empty, and
so the next packet can be received immediately. When both FIFOs are full, NACK is returned to
the host automatically. When reading of the receive data is completed following data reception, 1
is written to the EP1RDFN bit in TRG. This operation empties the FIFO that has just been read,
and makes it ready to receive the next packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com