Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 1001 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1001 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 997Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 998Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 999Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1000Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1001Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1002Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1003Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1004Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1005Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1001 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 969 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
EP2 EMPTY
1
R
EP2 FIFO Empty
This bit is set when at least one of the dual endpoint 2
transmit FIFO buffers is ready for transmit data to be
written.
This is a status bit, and cannot be cleared.
3
SETUP TS
0
R/W
Setup Command Receive Complete
This bit is set to 1 when endpoint 0 receives successfully
a setup command requiring decoding on the application
side, and returns an ACK handshake to the host.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
2
EP0o TS
0
R/W
EP0o Receive Complete
This bit is set to 1 when endpoint 0 receives data from
the host successfully, stores the data in the FIFO buffer,
and returns an ACK handshake to the host.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
1
EP0i TR
0
R/W
EP0i Transfer Request
This bit is set if there is no valid transmit data in the
FIFO buffer when an IN token for endpoint 0 is received
from the host. A NACK handshake is returned to the
host until data is written to the FIFO buffer and packet
transmission is enabled.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)
0
EP0i TS
0
R/W
EP0i Transmit Complete
This bit is set when data is transmitted to the host from
endpoint 0 and an ACK handshake is returned.
(When the CPU is used to clear this flag by writing 0
while the corresponding interrupt is enabled, be sure to
read the flag after writing 0 to it.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com