Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 977 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 977 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 973Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 974Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 975Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 976Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 977Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 978Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 979Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 980Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 981Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 977 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 945 of 1468
REJ09B0412-0200
Initialization
Read data from RDR and
clear RDRF flag in SSR to 0
Clear RE bit in SCR to 0
Start reception
Start
Error processing
No
No
No
Yes
Yes
ORER = 0
and PER = 0?
RDRF = 1?
All data received?
Yes
Figure 19.33 Sample Reception Flowchart
19.7.8
Clock Output Control (Only SCI_0, 1, 2, and 4)
Clock output can be fixed using the CKE1 and CKE0 bits in SCR when the GM bit in SMR is set
to 1. Specifically, the minimum width of a clock pulse can be specified.
Figure 19.34 shows an example of clock output fixing timing when the CKE0 bit is controlled
with GM = 1 and CKE1 = 0.
Given pulse width
SCK
CKE0
Given pulse width
Figure 19.34 Clock Output Fixing Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com