| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 969 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 969 Page - Renesas Technology Corp |
|
969 / 1504 page ![]() Section 19 Serial Communication Interface (SCI, IrDA, CRC) Rev. 2.00 Sep. 24, 2008 Page 937 of 1468 REJ09B0412-0200 19.7.2 Data Format (Except in Block Transfer Mode) Figure 19.25 shows the data transfer formats in smart card interface mode. • One frame contains 8-bit data and a parity bit in asynchronous mode. • During transmission, at least 2 etu (elementary time unit: time required for transferring one bit) is secured as a guard time after the end of the parity bit before the start of the next frame. • If a parity error is detected during reception, a low error signal is output for 1 etu after 10.5 etu has passed from the start bit. • If an error signal is sampled during transmission, the same data is automatically re-transmitted after at least 2 etu. Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp In normal transmission/reception Output from the transmitting station Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp When a parity error is generated Output from the transmitting station DE Output from the receiving station [Legend] Ds: Start bit D0 to D7: Data bits Dp: Parity bit DE: Error signal Figure 19.25 Data Formats in Normal Smart Card Interface Mode For communication with the smart cards of the direct convention and inverse convention types, follow the procedure below. Ds AZ Z A Z Z Z ZA A (Z) (Z) state D0 D1 D2 D3 D4 D5 D6 D7 Dp Figure 19.26 Direct Convention (SDIR = SINV = O/ E = 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |