Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 945 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 945 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 941Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 942Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 943Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 944Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 945Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 946Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 947Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 948Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 949Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 945 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 913 of 1468
REJ09B0412-0200
19.4.1
Data Transfer Format
Table 19.11 shows the data transfer formats that can be used in asynchronous mode. Any of 12
transfer formats can be selected according to the SMR setting. For details on the multiprocessor
bit, see section 19.5, Multiprocessor Communication Function.
Table 19.11 Serial Transfer Formats (Asynchronous Mode)
S
8-bit data
STOP
S
7-bit data
STOP
S
8-bit data
STOP STOP
S
8-bit data
P
STOP
S
7-bit data
STOP
P
S
8-bit data
MPB STOP
S
8-bit data
MPB STOP STOP
S
7-bit data
STOP
MPB
S
7-bit data
STOP
MPB
STOP
S
7-bit data
STOP
STOP
SMR Settings
123456789
10
11
12
Serial Transfer Format and Frame Length
STOP
S
8-bit data
P
STOP
S
7-bit data
STOP
P
STOP
CHR
PE
MP
STOP
00
0
0
00
0
1
01
0
0
01
0
1
10
0
0
10
0
1
11
0
0
11
0
1
0–
1
0
0–
1
1
1–
1
0
1–
1
1
[Legend]
S:
Start bit
STOP: Stop bit
P:
Parity bit
MPB:
Multiprocessor bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com