Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 897 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 897 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 893Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 894Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 895Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 896Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 897Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 898Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 899Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 900Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 901Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 897 / 1504 page
background image
Section 18 Watchdog Timer (WDT)
Rev. 2.00 Sep. 24, 2008 Page 865 of 1468
REJ09B0412-0200
18.6.5
Internal Reset in Watchdog Timer Mode
This LSI is not reset internally if TCNT overflows while the RSTE bit is cleared to 0 during
watchdog timer mode operation, but TCNT and TCSR of the WDT are reset.
TCNT, TCSR, and RSTCR cannot be written to while the
WDTOVF signal is low. Also note that
a read of the WOVF flag is not recognized during this period. To clear the WOVF flag, therefore,
read TCSR after the
WDTOVF signal goes high, then write 0 to the WOVF flag.
18.6.6
System Reset by
WDTOVF Signal
If the
WDTOVF signal is input to the RES pin, this LSI will not be initialized correctly. Make
sure that the
WDTOVF signal is not input logically to the RES pin. To reset the entire system by
means of the
WDTOVF signal, use a circuit like that shown in figure 18.6.
Reset input
Reset signal to entire system
This LSI
RES
WDTOVF
Figure 18.6 Circuit for System Reset by
WDTOVF Signal (Example)
18.6.7
Transition to Watchdog Timer Mode or Software Standby Mode
When the WDT operates in watchdog timer mode, a transition to software standby mode is not
made even when the SLEEP instruction is executed when the SSBY bit in SBYCR is set to 1.
Instead, a transition to sleep mode is made.
To transit to software standby mode, the SLEEP instruction must be executed after halting the
WDT (clearing the TME bit to 0).
When the WDT operates in interval timer mode, a transition to software standby mode is made
through execution of the SLEEP instruction when the SSBY bit in SBYCR is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com