| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 821 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 821 Page - Renesas Technology Corp |
|
821 / 1504 page ![]() Section 15 Programmable Pulse Generator (PPG) Rev. 2.00 Sep. 24, 2008 Page 789 of 1468 REJ09B0412-0200 • NDRH_1 If pulse output groups 6 and 7 have the same output trigger, all eight bits are mapped to the same address and can be accessed at one time, as shown below. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 NDR31 NDR30 NDR29 NDR28 NDR27 NDR26 NDR25 NDR24 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W Next Data Register 31 to 24 The register contents are transferred to the corresponding PODRH_1 bits by the output trigger specified with PCR_1. If pulse output groups 6 and 7 have different output triggers, the upper four bits and lower four bits are mapped to different addresses as shown below. Bit Bit Name Initial Value R/W Description 7 6 5 4 NDR31 NDR30 NDR29 NDR28 0 0 0 0 R/W R/W R/W R/W Next Data Register 31 to 28 The register contents are transferred to the corresponding PODRH_1 bits by the output trigger specified with PCR_1. 3 to 0 All 1 Reserved These bits are always read as 1 and cannot be modified. Bit Bit Name Initial Value R/W Description 7 to 4 All 1 Reserved These bits are always read as 1 and cannot be modified. 3 2 1 0 NDR27 NDR26 NDR25 NDR24 0 0 0 0 R/W R/W R/W R/W Next Data Register 27 to 24 The register contents are transferred to the corresponding PODRH_1 bits by the output trigger specified with PCR_1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |