| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 774 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 774 Page - Renesas Technology Corp |
|
774 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 742 of 1468 REJ09B0412-0200 14.4.4 Cascaded Operation In cascaded operation, two 16-bit counters for different channels are used together as a 32-bit counter. This function works by counting the channel 1 (channel 4) counter clock at overflow/underflow of TCNT_2 (TCNT_5) as set in bits TPSC2 to TPSC0 in TCR. Underflow occurs only when the lower 16-bit TCNT is in phase-counting mode. Table 14.31 shows the register combinations used in cascaded operation. Note: When phase counting mode is set for channel 1 or 4, the counter clock setting is invalid and the counter operates independently in phase counting mode. Table 14.31 Cascaded Combinations Combination Upper 16 Bits Lower 16 Bits Channels 1 and 2 TCNT_1 TCNT_2 Channels 4 and 5 TCNT_4 TCNT_5 (1) Example of Cascaded Operation Setting Procedure Figure 14.18 shows an example of the setting procedure for cascaded operation. Cascaded operation Set cascading Start count <Cascaded operation> Set bits TPSC2 to TPSC0 in the channel 1 (channel 4) TCR to B'1111 to select TCNT_2 (TCNT_5) overflow/underflow counting. Set the CST bit in TSTR for the upper and lower channels to 1 to start the count operation. [1] [2] [1] [2] Figure 14.18 Cascaded Operation Setting Procedure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |