| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 736 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 736 Page - Renesas Technology Corp |
|
736 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 704 of 1468 REJ09B0412-0200 14.3.3 Timer I/O Control Register (TIOR) TIOR controls TGR. The TPU has eight TIOR registers, two each for channels 0 and 3, and one each for channels 1, 2, 4, and 5. Care is required since TIOR is affected by the TMDR setting. The initial output specified by TIOR is valid when the counter is stopped (the CST bit in TSTR is cleared to 0). Note also that, in PWM mode 2, the output at the point at which the counter is cleared to 0 is specified. When TGRC or TGRD is designated for buffer operation, this setting is invalid and the register operates as a buffer register. To designate the input capture pin in TIOR, the DDR bit and ICR bit for the corresponding pin should be set to 0 and 1, respectively. For details, see section 13, I/O Ports. • TIORH_0, TIOR_1, TIOR_2, TIORH_3, TIOR_4, TIOR_5 7 IOB3 0 R/W 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 IOA3 0 R/W 2 IOA2 0 R/W 1 IOA1 0 R/W 0 IOA0 0 R/W Bit Bit Name Initial Value R/W • TIORL_0, TORL_3 7 IOD3 0 R/W 6 IOD2 0 R/W 5 IOD1 0 R/W 4 IOD0 0 R/W 3 IOC3 0 R/W 2 IOC2 0 R/W 1 IOC1 0 R/W 0 IOC0 0 R/W Bit Bit Name Initial Value R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |