| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 729 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 729 Page - Renesas Technology Corp |
|
729 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 697 of 1468 REJ09B0412-0200 14.3.1 Timer Control Register (TCR) TCR controls the TCNT operation for each channel. The TPU has a total of six TCR registers, one for each channel. TCR register settings should be made only while TCNT operation is stopped. 7 CCLR2 0 R/W 6 CCLR1 0 R/W 5 CCLR0 0 R/W 4 CKEG1 0 R/W 3 CKEG0 0 R/W 2 TPSC2 0 R/W 1 TPSC1 0 R/W 0 TPSC0 0 R/W Bit Bit Name Initial Value R/W Bit Bit Name Initial Value R/W Description 7 6 5 CCLR2 CCLR1 CCLR0 0 0 0 R/W R/W R/W Counter Clear 2 to 0 These bits select the TCNT counter clearing source. See tables 14.4 and 14.5 for details. 4 3 CKEG1 CKEG0 0 0 R/W R/W Clock Edge 1 and 0 These bits select the input clock edge. For details, see table 14.6. When the input clock is counted using both edges, the input clock period is halved (e.g. P φ/4 both edges = P φ/2 rising edge). If phase counting mode is used on channels 1, 2, 4, and 5, this setting is ignored and the phase counting mode setting has priority. Internal clock edge selection is valid when the input clock is P φ/4 or slower. This setting is ignored if the input clock is P φ/1, or when overflow/underflow of another channel is selected. 2 1 0 TPSC2 TPSC1 TPSC0 0 0 0 R/W R/W R/W Timer Prescaler 2 to 0 These bits select the TCNT counter clock. The clock source can be selected independently for each channel. See tables 14.7 to 14.12 for details. To select the external clock as the clock source, the DDR bit and ICR bit for the corresponding pin should be set to 0 and 1, respectively. For details, see section 13, I/O Ports. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |