| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 715 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 715 Page - Renesas Technology Corp |
|
715 / 1504 page ![]() Section 14 16-Bit Timer Pulse Unit (TPU) Rev. 2.00 Sep. 24, 2008 Page 683 of 1468 REJ09B0412-0200 Section 14 16-Bit Timer Pulse Unit (TPU) This LSI has two on-chip 16-bit timer pulse units (TPU), unit 0 and unit 1, each comprises six channels. Therefore, this LSI includes twelve channels. Functions of unit 0 and unit 1 are shown in table 14.1 and table 14.2 respectively. Block diagrams of unit 0 and unit 1 are shown in figure 14.1 and figure 14.2 respectively. This section explains unit 0. This explanation is common to unit 1. 14.1 Features • Maximum 16-pulse input/output • Selection of eight counter input clocks for each channel • The following operations can be set for each channel: Waveform output at compare match Input capture function Counter clear operation Synchronous operations: • Multiple timer counters (TCNT) can be written to simultaneously • Simultaneous clearing by compare match and input capture possible • Simultaneous input/output for registers possible by counter synchronous operation • Maximum of 15-phase PWM output possible by combination with synchronous operation • Buffer operation settable for channels 0 and 3 • Phase counting mode settable independently for each of channels 1, 2, 4, and 5 • Cascaded operation • Fast access via internal 16-bit bus • 26 interrupt sources • Automatic transfer of register data • Programmable pulse generator (PPG) output trigger can be generated (unit 0 only) • Conversion start trigger for the A/D converter can be generated (unit 0 only) • Module stop state can be set |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |