Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 709 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 709 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 705Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 706Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 707Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 708Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 709Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 710Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 711Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 712Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 713Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 709 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 677 of 1468
REJ09B0412-0200
13.3.10
Port Function Control Register B (PFCRB)
PFCRB selects the LVD interrupt*, and the input pins for
IRQ11 to IRQ8.
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
ITS14*
0
R/W
5
0
R/W
4
0
R/W
3
ITS11
0
R/W
2
ITS10
0
R/W
1
ITS9
0
R/W
0
ITS8
0
R/W
Note:
*
Supported only by the H8SX/1668M Group.
• H8SX/1668R Group
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
• H8SX/1668M Group
Bit
Bit Name
Initial
Value
R/W
Description
7
All 0
R/W
Reserved
This bit is always read as 0. The write value should
always be 0.
6
ITS14
0
R/W
LVD Interrupt Select
This bit allows or prohibits LVD interrupt.
0: Prohibits LVD interrupt
1: Allows LVD interrupt
5, 4
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com