Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 656 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 656 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 652Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 653Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 654Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 655Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 656Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 657Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 658Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 659Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 660Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 1504 page
background image
Section 13 I/O Ports
Rev. 2.00 Sep. 24, 2008 Page 624 of 1468
REJ09B0412-0200
(4)
P62/TMO2/SCK4/
DACK2/EDACK0-B/IRQ10-B/TRST
The pin function is switched as shown below according to the combination of the EXDMAC,
DMAC, TMR, and SCI register settings and P62DDR bit setting.
Setting
EXDMAC
DMAC
TMR
SCI
I/O Port
Module
Name
Pin Function
MCU
Operation
Mode
EDACK0B_OE DACK2_OE TMO2_OE SCK4_OE P62DDR
EXDMAC
EDACK0-B
output
1
DMAC
DACK2 output
0
1
TMR
TMO2 output
0
0
1
SCI
SCK4 output
0
0
0
1
P62 output
0
0
0
0
1
I/O port
P62 input
(initial value)
Except for
boundary
scan enabled
mode*
0
0
0
0
0
Note:
*
These pins are boundary scan dedicated input pins during boundary scan enabled
mode.
(5)
P61/TMCI2/RxD4/
TEND2/ETEND0-B/IRQ9-B
The pin function is switched as shown below according to the combination of the EXDMAC and
DMAC register settings and P61DDR bit setting.
Setting
EXDMAC
DMAC
I/O Port
Module
Name
Pin Function
ETEND0B_OE
TEND2_OE
P61DDR
EXDMAC
ETEND0-B
output
1
DMAC
TEND2 output
0
1
P61 output
0
0
1
I/O port
P61 input
(initial value)
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com