Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 614Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 615Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 616Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 617Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 618Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 619Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 620Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 621Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 586 of 1468
REJ09B0412-0200
12.5.9
Number of DTC Execution Cycles
Table 12.9 shows the execution status for a single DTC data transfer, and table 12.10 shows the
number of cycles required for each execution.
Table 12.9
DTC Execution Status
Mode
Vector
Read
I
Transfer
Information
Read
J
Transfer
Information
Write
L
Data Read
L
Data Write
M
Internal
Operation
N
Normal 1
0*
1
4*
2
3*
3
0*
1
3*
2.3
2*
4
1*
5
3*
6
2*
7
1
3*
6
2*
7
1
1
0*
1
Repeat 1
0*
1
4*
2
3*
3
0*
1
3*
2.3
2*
4
1*
5
3*
6
2*
7
1
3*
6
2*
7
1
1
0*
1
Block
transfer
1
0*
1
4*
2
3*
3
0*
1
3*
2.3
2*
4
1*
5
3•P*
6
2•P*
7
1•P 3•P*
6
2•P*
7
1•P
1
0*
1
[Legend]
P: Block size (CRAH and CRAL value)
Note:
1. When transfer information read is skipped
2. In full address mode operation
3. In short address mode operation
4. When the SAR or DAR is in fixed mode
5. When the SAR and DAR are in fixed mode
6. When a longword is transferred while an odd address is specified in the address
register
7. When a word is transferred while an odd address is specified in the address register or
when a longword is transferred while address 4n + 2 is specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com