Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 606 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 606 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 602Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 603Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 604Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 605Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 606Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 607Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 608Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 609Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 610Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 606 / 1504 page
background image
Section 12 Data Transfer Controller (DTC)
Rev. 2.00 Sep. 24, 2008 Page 574 of 1468
REJ09B0412-0200
12.5
Operation
The DTC stores transfer information in the data area. When activated, the DTC reads transfer
information that is stored in the data area and transfers data on the basis of that transfer
information. After the data transfer, it writes updated transfer information back to the data area.
Since transfer information is in the data area, it is possible to transfer data over any required
number of channels. There are three transfer modes: normal, repeat, and block.
The DTC specifies the source address and destination address in SAR and DAR, respectively.
After a transfer, SAR and DAR are incremented, decremented, or fixed independently.
Table 12.2 shows the DTC transfer modes.
Table 12.2
DTC Transfer Modes
Transfer
Mode
Size of Data Transferred at
One Transfer Request
Memory Address Increment or
Decrement
Transfer
Count
Normal
1 byte/word/longword
Incremented/decremented by 1, 2, or 4,
or fixed
1 to 65536
Repeat*
1
1 byte/word/longword
Incremented/decremented by 1, 2, or 4,
or fixed
1 to 256*
3
Block*
2
Block size specified by CRAH (1
to 256 bytes/words/longwords)
Incremented/decremented by 1, 2, or 4,
or fixed
1 to 65536
Notes: 1. Either source or destination is specified to repeat area.
2. Either source or destination is specified to block area.
3. After transfer of the specified transfer count, initial state is recovered to continue the
operation.
Setting the CHNE bit in MRB to 1 makes it possible to perform a number of transfers with a
single activation (chain transfer). Setting the CHNS bit in MRB to 1 can also be made to have
chain transfer performed only when the transfer counter value is 0.
Figure 12.4 shows a flowchart of DTC operation, and table 12.3 summarizes the chain transfer
conditions (combinations for performing the second and third transfers are omitted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com