Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 583 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 583 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 579Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 580Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 581Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 582Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 583Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 584Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 585Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 586Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 551 of 1468
REJ09B0412-0200
(8)
Transfer End by Hardware Standby Mode and Reset Input
The EXDMAC is initialized in hardware standby mode and by a reset. EXDMA transfer is not
guaranteed in these cases.
11.8
Relationship among EXDMAC and Other Bus Masters
11.8.1
CPU Priority Control Function Over EXDMAC
The EXDMAC priority level control function can be used for the CPU by setting the CPU priority
control register (CPUPCR). For details, see section 7.7, CPU Priority Control Function Over DTC,
DMAC and EXDMAC.
The EXDMAC priority level can be set independently for each channel by the EDMAP2 to
EDMAP0 bits in EDMDR.
The CPU priority level, which corresponds to the priority level of exception handling, can be set
by updating the values of the CPUP2 to CPUP0 bits in CPUPCR with the interrupt mask bit
values.
When the CPUPCE bit in CPUPCR is set to 1 to enable the CPU priority level control and the
EXDMAC priority level is lower than the CPU priority level, the transfer request of the
corresponding channel is masked and the channel activation is disabled. When the priority level of
another channel is the same or higher than the CPU priority level, the transfer request for another
channel is accepted and transfer is enabled regardless of the priority levels of channels.
The CPU priority level control function holds pending the transfer source, which masked the
transfer request. When the CPU priority level becomes lower than the channel priority level by
updating one of them, the transfer request is accepted and transfer starts. The transfer request held
pending is cleared by writing 0 to the DTE bit.
When the CPUPCE bit is cleared to 0, the lowest CPU priority level is assumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com