Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 513 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 513 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 509Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 510Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 511Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 512Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 513Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 514Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 515Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 516Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 517Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 481 of 1468
REJ09B0412-0200
11.4.2
Cluster Transfer Modes
Table 11.5 shows cluster transfer modes. Cluster transfer mode can be set independently for each
channel. The cluster buffer is common to all channels.
Table 11.5
Cluster Transfer Mode
Address Mode
Activation Source
Common Function
Transfer
Source
Cluster
Buffer
Function
Transfer
Destination
Cluster transfer
Dual address mode
EDSAR
Read from
the transfer
source and
written to
the transfer
destination
EDDAR
Cluster transfer
Read address mode
(DIRS = 0)
EDSAR
Read from
the transfer
source
Cluster transfer
Write address mode
(DIRS = 1)
•
Auto-request
(activated by
the CPU)
•
External
request
•
Cluster size
One access size
(byte/word/longword)
to 32 bytes
•
Total transfer size
1 to 4 Gbytes, or no
specification
•
Offset addition
•
Extended repeat
area function
Written to
the transfer
destination
EDDAR
In cluster transfer mode, the specified cluster size is transferred in response to a single transfer
request. The cluster size can be from one access size (byte, word, or longword) to 32 bytes. Within
a cluster, a cluster-size transfer is performed in burst transfer mode. With a cluster-size access in
cluster transfer mode (dual address mode), block transfer mode (dual address mode) is used.
With auto-requests, cycle steal mode is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com