Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 498 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 498 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 494Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 495Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 496Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 497Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 498Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 499Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 500Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 501Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 502Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 1504 page
background image
Section 11 EXDMA Controller (EXDMAC)
Rev. 2.00 Sep. 24, 2008 Page 466 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
value
R/W
Description
31
DTE
0
R/W
Data Transfer Enable
Enables or disables data transfer on the corresponding
channel. When this bit is set to 1, this indicates that an
EXDMA operation is in progress.
When auto-request mode is specified, transfer
processing begins when this bit is set to 1. With
external requests, transfer processing begins when a
transfer request is issued after this bit has been set to
1. When this bit is cleared to 0 during an EXDMA
operation, transfer is halted.
If this bit is cleared to 0 during an EXDMA operation in
block transfer mode, this bit is cleared to 0 on
completion of the currently executing one-block
transfer. When this bit is cleared to 0 during an EXDMA
operation in cluster transfer mode, this bit is cleared to
0 on completion of the currently executing one-cluster
transfer.
If an external source that ends (aborts) transfer occurs,
this bit is automatically cleared to 0 and transfer is
terminated.
Do not change the operating mode, transfer method, or
other parameters while this bit is set to 1.
0: Data transfer disabled
1: Data transfer enabled (during an EXDMA operation)
[Clearing conditions]
•
When transfer of the total transfer size specified
ends
•
When operation is halted by a repeat size end
interrupt
•
When operation is halted by an extended repeat
area overflow interrupt
•
When operation is halted by a transfer size error
interrupt
•
When 0 is written to terminate transfer
In block transfer mode, the value written is effective
after one-block transfer ends.
In cluster transfer mode, the value written is
effective after one-cluster transfer ends.
•
When an address error or NMI interrupt occurs
•
Reset, hardware standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com