Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 464 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 464 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 460Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 461Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 462Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 463Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 464Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 465Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 466Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 467Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 468Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 464 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 432 of 1468
REJ09B0412-0200
(2)
Normal Transfer Mode (Burst Mode)
In burst mode, one byte, one word, or one longword of data continues to be transferred until the
transfer end condition is satisfied.
When a burst transfer starts, a transfer request from a channel having priority is suspended until
the burst transfer is completed.
In figure 10.27, the
TEND signal output is enabled and data is transferred in words from the
external 16-bit 2-state access space to the external 16-bit 2-state access space in normal transfer
mode by burst access.
DMA read cycle
DMA read cycle
DMA write cycle
Address bus
DMA write cycle DMA read cycle
DMA write cycle
B
φ
RD
LHWR, LLWR
TEND
Bus
released
Bus
released
Last transfer cycle
Burst transfer
Figure 10.27 Example of Transfer in Normal Transfer Mode by Burst Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com