Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 453Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 454Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 455Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 456Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 457Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 458Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 459Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 460Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 425 of 1468
REJ09B0412-0200
(5)
DTE Bit in DMDR
Although the DTE bit in DMDR enables or disables data transfer by the CPU write access, it is
automatically cleared to 0 according to the DMA transfer state by the DMAC.
The conditions for clearing the DTE bit by the DMAC are as follows:
• When the total size of transfers is completed
• When a transfer is completed by a transfer size error interrupt
• When a transfer is completed by a repeat size end interrupt
• When a transfer is completed by an extended repeat area overflow interrupt
• When a transfer is stopped by an NMI interrupt
• When a transfer is stopped by and address error
• Reset state
• Hardware standby mode
• When a transfer is stopped by writing 0 to the DTE bit
Writing to the registers for the channels when the corresponding DTE bit is set to 1 is prohibited
(except for the DTE bit). When changing the register settings after writing 0 to the DTE bit,
confirm that the DTE bit has been cleared to 0.
Figure 10.21 show the procedure for changing the register settings for the channel being
transferred.
Read DTE bit
Write 0 to DTE bit
Change register settings
DTE = 0?
[1]
[2]
[3]
[4]
No
Yes
Changing register settings
of channel during operation
End of changing
register settings
[1] Write 0 to the DTE bit in DMDR.
[2] Read the DTE bit.
[3] Confirm that DTE = 0. DTE = 1
indicates that DMA is transferring.
[4] Write the desired values to the
registers.
Figure 10.21 Procedure for Changing Register Setting For Channel being Transferred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com