| Electronic Components Datasheet Search |
|
H8SX/1663M Datasheet(PDF) 452 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663M Datasheet(HTML) 452 Page - Renesas Technology Corp |
|
452 / 1504 page ![]() Section 10 DMA Controller (DMAC) Rev. 2.00 Sep. 24, 2008 Page 420 of 1468 REJ09B0412-0200 (2) XY Conversion Using Offset Figure 10.19 shows the XY conversion using the offset addition in repeat transfer mode. Data 1 Data 2 Data 3 Data 4 Data 5 Data 11 Data 12 Data 16 Data 16 Data 15 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 5 Data 9 Data 13 Data 2 Data 11 Data 15 Data 12 Data 8 Data 4 Data 7 Data 3 Data 14 Data 10 Data 6 1st transfer 1st transfer 2nd transfer 2nd transfer 3rd transfer 3rd transfer 4th transfer 1st transfer 2nd transfer 3rd transfer 4th transfer Data 1 Data 2 Data 3 Data 4 Data 15 Data 5 Data 11 Data 12 Data 16 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 2 Data 3 Data 4 Data 15 Data 5 Data 11 Data 12 Data 16 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 2 Data 3 Data 4 Data 15 Data 5 Data 11 Data 12 Data 16 Data 14 Data 13 Data 10 Data 9 Data 8 Data 7 Data 6 Data 1 Data 5 Data 9 Data 13 Data 12 Data 2 Data 11 Data 15 Data 16 Data 8 Data 4 Data 7 Data 3 Data 14 Data 10 Data 6 Transfer Transfer Interrupt request generated Interrupt request generated Address initialized Interrupt request generated Address initialized Transfer source addresses changed by CPU Transfer source addresses changed by CPU Offset Offset Offset Figure 10.19 XY Conversion Operation Using Offset Addition in Repeat Transfer Mode In figure 10.19, the source address side is specified to the repeat area by DACR and the offset addition is selected. The offset value is set to 4 × data access size (when the data access size is longword, H'00000010 is set in DOFR, as an example). The repeat size is set to 4 × data access size (when the data access size is longword, the repeat size is set to 4 × 4 = 16 bytes, as an example). The increment or decrement by 1, 2, or 4 is specified as the transfer destination address. A repeat size end interrupt is requested when the RPTIE bit in DACR is set to 1 and the repeat size of transfers is completed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |