Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 412Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 413Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 414Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 415Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 416Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 417Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 418Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 419Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 1504 page
background image
Section 10 DMA Controller (DMAC)
Rev. 2.00 Sep. 24, 2008 Page 384 of 1468
REJ09B0412-0200
10.3.5
DMA Block Size Register (DBSR)
DBSR specifies the repeat size or block size. DBSR is enabled in repeat transfer mode and block
transfer mode and is disabled in normal transfer mode.
31
BKSZH31
0
R/W
30
BKSZH30
0
R/W
29
BKSZH29
0
R/W
28
BKSZH28
0
R/W
27
BKSZH27
0
R/W
24
BKSZH24
0
R/W
26
BKSZH26
0
R/W
25
BKSZH25
0
R/W
Bit
Bit Name
Initial Value
R/W
23
BKSZH23
0
R/W
22
BKSZH22
0
R/W
21
BKSZH21
0
R/W
20
BKSZH20
0
R/W
19
BKSZH19
0
R/W
16
BKSZH16
0
R/W
18
BKSZH18
0
R/W
17
BKSZH17
0
R/W
Bit
Bit Name
Initial Value
R/W
15
BKSZ15
0
R/W
14
BKSZ14
0
R/W
13
BKSZ13
0
R/W
12
BKSZ12
0
R/W
11
BKSZ11
0
R/W
8
BKSZ8
0
R/W
10
BKSZ10
0
R/W
9
BKSZ9
0
R/W
Bit
Bit Name
Initial Value
R/W
7
BKSZ7
0
R/W
6
BKSZ6
0
R/W
5
BKSZ5
0
R/W
4
BKSZ4
0
R/W
3
BKSZ3
0
R/W
0
BKSZ0
0
R/W
2
BKSZ2
0
R/W
1
BKSZ1
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16 BKSZH31 to
BKSZH16
All 0
R/W
Specify the repeat size or block size.
When H'0001 is set, the repeat or block size is one byte,
one word, or one longword. When H'0000 is set, it
means the maximum value (refer to table 10.2). While
the DMA is in operation, the setting is fixed.
15 to 0
BKSZ15 to
BKSZ0
All 0
R/W
Indicate the remaining repeat or block size while the
DMA is in operation. The value is decremented by 1
every time data is transferred. When the remaining size
becomes 0, the value of the BKSZH bits is loaded. Set
the same value as the BKSZH bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com