Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 359Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 360Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 361Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 362Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 363Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 364Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 365Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 366Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 331 of 1468
REJ09B0412-0200
(2)
Self-Refresh Mode
Some SDRAMs have a self-refresh mode (battery backup mode). The self-refresh is a kind of
standby mode and refresh timing and refresh address are controlled internally.
(a) Self-Refresh in Software Standby Mode
The self-refresh is selected by setting the RFSHE and SLFRF bits in REFCR to 1. The SELF-
command is issued as shown in figure 9.79 by executing the SLEEP instruction to enter the
software standby mode.
When an auto-refresh is requested on a transition to the software standby mode, the auto-refresh is
first performed and then the self-refresh is entered.
When making a transition to the self-refresh, set the OEE bit in SBYCR to 1 and connect the CKE
pin.
When the self-refresh is used, do not clear the OPE bit in SBYCR to 0.
TR
p
TR
r
TR
c2
TR
c3
CS
Precharge-sel
RAS
CAS
WE
CKE
PALL
SELF
NOP
Software standby
BS
RD/
WR
Address bus
SDRAM
φ
High
High
Figure 9.79 Self-Refresh Timing in software standby mode
(TPC1 = 0, TPC0 = 0, RCW1 = 0, RCW0 = 0, RLW2 = 0, RLW1 = 0, RLW0 = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com