Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8SX/1663M Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 326Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 327Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 328Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 329Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 330Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 331Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 332Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 333Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 298 of 1468
REJ09B0412-0200
9.10.12
Refresh Control
This LSI includes a DRAM refresh control function. The refresh method is the CAS before RAS
(CBR) refresh. Self-refresh cycles can be performed in software standby mode.
The refresh control function is enabled when area 2 is specified as the DRAM space by the
DRAME and DTYPE bits in DRAMCR.
(1)
CAS before RAS (CBR) Refresh Mode
Set the RFSHE bit in REFCR to 1 to select the CBR refresh mode.
A CBR refresh cycle is performed when the value set in RTCOR matches the RTCNT value
(compare match). RTCNT is an up-counter operated on the input clock specified by bits RTCK2
to RTCK0 in REFCR. RTCNT is initialized upon the compare match and restarts to count up with
H'00. Accordingly, a CBR refresh cycle is repeated at intervals specified by bits RTCK2 to
RTCK0 in RTCOR. Set the bits so that the required refresh intervals of the DRAM must be
satisfied.
Since setting bits RTCK2 to RTCK0 starts RTCNT to count up, set RTCNT and RTCOR before
setting bits RTCK2 to RTCK0. When changing RTCNT and RTCOR, the counting operation
should be halted. When changing bits RTCK2 to RTCK0, change them only after disabling
external access and bus release by the EXDMAC, and if the write data buffer function is in use,
disabling the write data buffer function and reading the external space.
The external space cannot be accessed in CBR refresh mode.
Figure 9.52 shows RTCNT operation, figure 9.53 shows compare match timing, and figure 9.54
shows CBR refresh timing. Table 9.23 lists the pin states during a CBR refresh cycle.
RTCOR
H'00
Refresh request
RTCNT
Figure 9.52 RTCNT Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com