Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST486 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST486
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486 Datasheet(HTML) 5 Page - STMicroelectronics

  ST486 Datasheet HTML 1Page - STMicroelectronics ST486 Datasheet HTML 2Page - STMicroelectronics ST486 Datasheet HTML 3Page - STMicroelectronics ST486 Datasheet HTML 4Page - STMicroelectronics ST486 Datasheet HTML 5Page - STMicroelectronics ST486 Datasheet HTML 6Page - STMicroelectronics ST486 Datasheet HTML 7Page - STMicroelectronics ST486 Datasheet HTML 8Page - STMicroelectronics ST486 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
2.
SGS-Thomson SMM IMPLEMENTATION
2.1
Hardware Background
2.1.1
SMM Pins
The signals at the SMI# and SMADS# pins are used to implement SMM. The SMI# pin is bi-direc-
tional. The SMI# pin is used by the chipset to signal the CPU that an SMI has occurred. While the
CPU is in the process of servicing an SMI interrupt, the SMI# pin is an output used to signal the
chipset that the SMM processing is occurring. The SMADS# address strobe signal is generated in-
stead of an ADS# address strobe signal while executing or accessing data in SMM address space.
2.1.2
SMI# Pin Timing
To enter SMM mode, the SMI# signal must be asserted for at least one CLK period (Two clocks if
SMI# is asserted asynchronously). To accomplish I/O trapping, the SMI# signal should be asserted
two clocks before the RDY# for that I/O cycle. Once the CPU recognizes the active SMI# input,
the CPU drives the SMI input low for the duration of the SMI routine. The SMI routine is termi-
nated with an SMI specific resume instruction (RSM). When the RSM instruction is executed, the
CPU drives the SMI pin high for one CLK period. The SMI# pin must be allowed to go high for
one CLK at the end of the SMI routine in order for the next SMI to be recognized. Since the SMI#
pin is bi-directional, not more than one SMI# interrupt can become active at one time.
2.1.3
Address Strobes
The CPU has two address strobes, ADS# and SMADS#. ADS# is the address strobe used during
normal operations. The SMADS# address strobe replaces ADS# during SMM for memory ac-
cesses when data is written, read, or fetched in the SMM defined region. Using a separate address
strobe increases chipset compatibility and control.
During an SMM interrupt routine, control can be transferred to main memory via a JMP, CALL,
Jcc instruction, execution of a software interrupt (INT), or a hardware interrupt (INTR or NMI).
Execution in main memory will cause ADS# to be generated for code and data outside of the de-
fined SMM address region. (It is assumed, but not required, that the chipset ultimately translates
SMADS# and a particular address to some other address.) To access data in main memory that
overlaps the SMM address space, the MMAC bit (CCR1, bit 3) must be set. This allows ADS#
strobes to be generated for data accesses in memory which overlap SMM memory while in SMM
mode. It is not possible to execute code in main memory that overlaps SMM space while in SMM
mode.
ST486DX - SMM IMPLEMENTATION
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com