Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST486 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST486
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST486 Datasheet HTML 5Page - STMicroelectronics ST486 Datasheet HTML 6Page - STMicroelectronics ST486 Datasheet HTML 7Page - STMicroelectronics ST486 Datasheet HTML 8Page - STMicroelectronics ST486 Datasheet HTML 9Page - STMicroelectronics ST486 Datasheet HTML 10Page - STMicroelectronics ST486 Datasheet HTML 11Page - STMicroelectronics ST486 Datasheet HTML 12Page - STMicroelectronics ST486 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Reg. Index = CDh
Reg. Index = CEh
Reg. Index = CFh
70
7
0
7
4
3
0
Base Address
Size
A31
A24
A23
A16
A15
A12
see table below
Table 2 - 3.
SMAR
SMM Address Region Registers
Bits 3-0
BLOCK SIZE
Bits 3-0
BLOCK SIZE
0h
Disable
8h
512 KBytes
1h
4 KBytes
9h
1 MBytes
2h
8 KBytes
Ah
2 MBytes
3h
16 KBytes
Bh
4 MBytes
4h
32 KBytes
Ch
8 MBytes
5h
64 KBytes
Dh
16 MBytes
6h
128 KBytes
Eh
32 MBytes
7h
256 KBytes
Fh
4 KBytes (same as 1h)
Table 2 - 4.
SMAR SIZE FIELD
ST486DX - SMM IMPLEMENTATION
17
to 1 while in normal mode. If NMIEN = 1 when an SMI occurs, an NMI could
occur before the SMM code has initialized the Interrupt Descriptor Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com