Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST486 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST486
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST486 Datasheet HTML 11Page - STMicroelectronics ST486 Datasheet HTML 12Page - STMicroelectronics ST486 Datasheet HTML 13Page - STMicroelectronics ST486 Datasheet HTML 14Page - STMicroelectronics ST486 Datasheet HTML 15Page - STMicroelectronics ST486 Datasheet HTML 16Page - STMicroelectronics ST486 Datasheet HTML 17Page - STMicroelectronics ST486 Datasheet HTML 18Page - STMicroelectronics ST486 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
DR7
EFLAGS
CR0
0
31
Top of SMM
-4h
-8h
-Ch
-10h
-14h
-18h
-1Ch
-20h
-24h
-28h
P
Current IP
Next IP
Reserved
CS Selector
CS Descriptor (Bits 63-32)
CS Descriptor (Bits 31-0)
Reserved
ESI or EDI
I
1713503
31
16 15
0
31
2 1 0
-2Ch
-30h
Address Space
3
S
I/O Write Address
I/O Write Data Size
I/O Write Data
16 15
Figure 3 - 1.
SMM Memory Space Header
ST486DX - SMM SOFTWARE CONSIDERATIONS
25
save other registers and access data in SMM memory. To use any other register the SMM program-
mer must first save the contents using the SVDC instruction for segment registers or MOV opera-
tions for general purpose registers (See SGS Thomson SMM instruction description Section 2.3).
It is possible to save all the CPU registers as needed. See Section 3.3 for an example saving and re-
storing the entire CPU state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com