Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST486 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST486
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST486 Datasheet HTML 4Page - STMicroelectronics ST486 Datasheet HTML 5Page - STMicroelectronics ST486 Datasheet HTML 6Page - STMicroelectronics ST486 Datasheet HTML 7Page - STMicroelectronics ST486 Datasheet HTML 8Page - STMicroelectronics ST486 Datasheet HTML 9Page - STMicroelectronics ST486 Datasheet HTML 10Page - STMicroelectronics ST486 Datasheet HTML 11Page - STMicroelectronics ST486 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
HALT
Suspend on HALT.
HALT = 0:
CPU does not enter suspend mode following execution of a HLT instruction
HALT = 1:
CPU enters suspend mode following execution of a HLT instruction.
SUSP
Enable Suspend Pins.
SUSP = 0:
SUSP# input is ignored and SUSPA# output floats.
SUSP = 1:
SUSP# input and SUSPA# output are enabled.
Reg. INDEX = C2h
7
654
3
2
1
0
SUSP
BWRT
BARB
WT1
HALT
LOCK-NW
WBAK
COP/Reserved
Table 2 - 2
CCR2
Reg. INDEX = C3h
7
654
3
2
1
0
NMIEN
SMI-LOCK
Reserved
Table 2 - 1
CCR3
ST486DX - SMM IMPLEMENTATION
16
SMI_LOCK SMM Register Lock.
SMI_LOCK = 0: Any program in normal mode, as well as SMM software, has access to all
Configuration Control Registers.
SMI_LOCK = 1: The following Configuration Control Register bits can not be modified unless
operating in SMM mode:
SMI, SMAC, MMAC, NMIEN, SMI_LOCK, and SMAR register size fields.
NMIEN
NMI Enable.
NMIEN = 0:
NMI (Non-Maskable Interrupt) is not recognized during SMM. One occurrence of
NMI is latched and serviced after SMM mode is exited. The NMIEN bit should
be cleared before executing a RSM instruction to exit SMM.
NMIEN = 1:
NMI is enabled during SMM. This bit should only be set temporarily while in the
SMM routine to allow NMI interrupts to be serviced. NMIEN should not be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com