Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST486 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST486
Description  PROGRAMMING MANUAL
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST486 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST486 Datasheet HTML 25Page - STMicroelectronics ST486 Datasheet HTML 26Page - STMicroelectronics ST486 Datasheet HTML 27Page - STMicroelectronics ST486 Datasheet HTML 28Page - STMicroelectronics ST486 Datasheet HTML 29Page - STMicroelectronics ST486 Datasheet HTML 30Page - STMicroelectronics ST486 Datasheet HTML 31Page - STMicroelectronics ST486 Datasheet HTML 32Page - STMicroelectronics ST486 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Option
Typical Curr ent Options
Reduced Clock Frequency
(13 x fCLK(MHz)) + 150 mA @ 5.0 V
5.0V operation
610 mA @ 33 MHz, 765 mA @ 50 MHz
3.3V operation
360 mA @ 33 MHz
Remove Clock
150 mA
Suspend Mode clock operating
15 mA
Suspend Mode and Remove Clock
450
µA
Remove Power
0 mA
Table 4 - 1
Power Management Options
Note: Values listed are approximations. Refer to the appropriate SGS-Thomson data book for DC specifications.
ST486DX - SMM POWER MANAGEMENT FEATURES
41
4.
Power Management Features
The SGS-Thomson CPU provides several methods and levels of power management. The fully
static design allows clock stopping. Suspend Mode, SMM and 3.3 volt operation can be used to
achieve optimum CPU and system power management. Table 4-1 summarizes the various power
management options for the SGS-Thomson CPU.
4.1
Reducing the Clock Frequency
The SGS-Thomson CPU is a fully static design meaning the input clock frequency can be reduced
or stopped without a loss of internal CPU data or state. The system designer can make decisions to
reduce the clock frequency by using SGS-Thomson SMM capabilities, Advanced Power Manage-
ment (APM) software API and/or chipset capabilities. When the clock is removed and then reas-
serted, execution will begin with the instruction where the clock was removed from the CPU.
4.2
Lowering the CPU Supply Voltage
SGS-Thomson CPUs are available that operate at either 3.3 or 5.0 volts. Parts rated at 3.3 volts
have the letter ’V’ included in the part number (Refer the appropriate SGS-Thomson data book for
complete ordering information). The typical current (Icc) drawn by the SGS-Thomson CPU is re-
duced by approximately 50% when operating at 3.3 instead of 5.0 volts. Operating the CPU at 3.3
volts can reduce CPU power consumption by over 70%, as the power consumption increases as the
square of the power supply voltage (P-=-V
2/R and P-=-CV2F).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com